PART |
Description |
Maker |
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
2683-100410 2683-200240 2683-200410 2683-100240 26 |
Quadruple-Mode LNA/Mixer Evaluation Kits MAX2582 Evaluation Kit Evaluation Kit for the MAX2601, MAX2602 Interface IC Quad-Band TDD-WCDMA RF-to-Bits Radio Receiver 接口IC
|
Teledyne Technologies, Inc.
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
MAX6901EVSYS MAX6902EVKIT MAX6901EVKIT |
Evaluation System/Evaluation Kit for the MAX6901 Evaluation System/Evaluation Kit for the MAX6902
|
MAXIM - Dallas Semiconductor
|
MAX2363EVKIT MAX2361EVKIT |
Evaluation Kit for the MAX2363 Evaluation Kit for the MAX2361
|
Maxim
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
MAX1553EVKITNBSP MAX1553EVKIT |
Evaluation Kit for the MAX1553/MAX1554 MAX1553 Evaluation Kit From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
B1006 B1001 B1002 B1007 B1004 PE-69301 PE-69300 PE |
HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8960 LT3468ES5/LT3468ES5-1 Evaluation Kit LT3435IFE Evaluation Kit LTC4259A Evaluation Kit HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8921/BT8970 HDSL变压器Brooktree和第一级芯片组- 1/97)匹配:BT8921/BT8970
|
Electronic Theatre Controls, Inc.
|